PART |
Description |
Maker |
DM74LS155 DM74LS155M DM74LS155N 74LS155 DM74LS156M |
Dual 2-Line to 4-Line Decoder/1-to-4 Line Demultiplexer with Open-Collector Outputs 2-To-4-Line Demultiplexer LS SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDSO16 Dual 2-Line to 4-Line Decoders/Demultiplexers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RMKD714 RMKD RMKQ714 RMKQ48 |
Hermetic, Dual-In-Line or TO Package Resistor Networks From old datasheet system Hermetic Dual-In-Line or TO Package Resistor Networks
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
HIN236CBZ HIN232 HIN238CBZ-T HIN232CBZ-T HIN232CP |
5V Powered RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD LINE TRANSCEIVER, PDSO24 5V Powered RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP16 QUAD LINE TRANSCEIVER, PDSO28
|
Intersil Corporation Intersil, Corp.
|
6300F LT6300IGNTRPBF LT6300CGNTRPBF LT6300 |
500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package 500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL LINE DRIVER, PDSO16 500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL LINE DRIVER, PDSO16 From old datasheet system
|
Linear Technology, Corp.
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
KTLP3506H |
Compact dual-in-line package
|
COSMO Electronics Corporation
|
DIL14 |
Dual in-line, 14 pin package
|
ZETEX[Zetex Semiconductors]
|
MDU12H-4MC3 MDU12H-250MC3 MDU12H-150MC3 MDU12H-30M |
Delay 200 /-10 ns, dual, ECL-interfaced fixed delay line Delay 150 /-7.5 ns, dual, ECL-interfaced fixed delay line Delay 250 /-12.5 ns, dual, ECL-interfaced fixed delay line Delay 125 /-6.2 ns, dual, ECL-interfaced fixed delay line Delay 100 /-5 ns, dual, ECL-interfaced fixed delay line DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H) ACTIVE DELAY LINE, TRUE OUTPUT, DSO16
|
DATA DELAY DEVICES INC Data Delay Devices, Inc.
|
PSS15S92F6-AG |
Dual-In-Line Package Intelligent Power Module
|
Mitsubishi Electric Sem...
|
PS21267-AP PS21267-P |
Dual-In-Line Package Intelligent Power Module
|
Mitsubishi
|
PSS50S71F6 |
Dual-In-Line Package Intelligent Power Module
|
Mitsubishi Electric Semiconductor
|